Part Number Hot Search : 
NJU7074D BDX20 T121020 TG40E80 ASTMB545 UPD16 45580 EPG4001S
Product Description
Full Text Search
 

To Download SOD-123 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features characteristic symbol 1n4448w unit non-repetitive peak reverse voltage v rm 100 v peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 75 v rms reverse voltage v r(rms) 53 v forward continuous current (note 1) i fm 500 ma average rectified output current (note 1) i o 250 ma non-repetitive peak forward surge current @ t = 1.0  s @ t = 1.0s i fsm 4.0 2.0 a power dissipation (note 1) p d 350 mw thermal resistance junction to ambient air (note 1) r  ja 357 k/w operating and storage temperature range t j , t stg -65 to +150  c maximum ratings @ t a = 25  c unless otherwise specified notes: 1. valid provided that terminals are kept at ambient temperature. characteristic symbol min max unit test condition maximum forward voltage v fm 0.62    0.72 0.855 1.0 1.25 v i f = 5.0ma i f = 10ma i f = 100ma i f = 150ma maximum peak reverse current i rm  2.5 50 30 25  a  a  a na v r = 75v v r = 75v, t j = 150  c v r = 25v, t j = 150  c v r = 20v junction capacitance c j  4.0 pf v r = 0, f = 1.0mhz reverse recovery time t rr  4.0 ns i f = i r = 10ma, i rr = 0.1 x i r , r l = 100  electrical characteristics @ t a = 25  c unless otherwise specified  fast switching speed  surface mount package ideally suited for automatic insertion  for general purpose switching applications  high conductance 2 . 70 3 . 70 0 . 5 5 1 . 0 5 1 . 6 SOD-123 1n4448w http:// www.wej.cn e-mail:wej@yongerjia.com wej electronic co. r o hs wej electronic co.,ltd
c b d 0.20 e a1 a2 a e1 l l1 symbol a a1 a2 b c d e e1 l l1 | min 1.050 0.000 1.050 0.450 0.080 1.500 2.600 3.550 0.250 0 max 1.250 0.100 1.150 0.650 0.150 1.700 2.800 3.850 0.450 8 min 0.041 0.000 0.041 0.018 0.003 0.059 0.102 0.140 0.010 0 max 0.049 0.004 0.045 0.026 0.006 0.067 0.110 0.152 0.018 8 dimensions in millimeters dimensions in inches 0.020ref 0.500ref | 1 10 100 1000 10,000 0 100 200 i , leakage current (na) r t , junction tempera ture (c) fig. 2 leakage current vs junction t emperature j v = 20v r 10 1.0 100 1000 0.1 0.01 01 2 i , inst ant ane o us f o r w ard current (ma) f v , inst ant aneous for w ard vol t age (v) fig. 1 forward characteristics f 1n4448w http:// www.wej.cn e-mail:wej@yongerjia.com wej electronic co. r o hs wej electronic co.,ltd


▲Up To Search▲   

 
Price & Availability of SOD-123

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X